Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65ASH Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS274C65ASH
Description  TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65ASH Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS274C65ASH Datasheet HTML 17Page - Texas Instruments TPS274C65ASH Datasheet HTML 18Page - Texas Instruments TPS274C65ASH Datasheet HTML 19Page - Texas Instruments TPS274C65ASH Datasheet HTML 20Page - Texas Instruments TPS274C65ASH Datasheet HTML 21Page - Texas Instruments TPS274C65ASH Datasheet HTML 22Page - Texas Instruments TPS274C65ASH Datasheet HTML 23Page - Texas Instruments TPS274C65ASH Datasheet HTML 24Page - Texas Instruments TPS274C65ASH Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
• Multiple slave devices in series (daisy chain) connection limited only by the SPI write frame speed
requirements.
TPS274C65
SDI
SCLK
SDO
nSCS
SPI
Communication
TPS274C65
SCLK
SDI
SDO
nSCS
SPI
Communication
Controller
SPI
Communication
CS
MI
MO
MCLK
Figure 8-6. Daisy Chain Configuration
SPI mode controls the following functions.
• ON/OFF control of the switches.
• Disable the diagnostics to reduce the quiescent current consumption.
• Select the channel(s) and measurements for VOUT, IOUT and TEMP.
• Fault management (clearing faults and action/response on fault).
• Watchdog timer - the device will generate an error if the SW_STATE register has not been successfully
written into within the watchdog timeout period. The customer can disable the watchdog feature using the
WD_EN bit (default is off).
• The current limit protection threshold
Table 8-1. SPI IC Address Configuration
Resistor Value(kΩ)
ADDCFG Code
13.3
000
17.8
001
23.7
010
31.6
011
44.2
100
59
101
78.7
110
110
111
Note: Please use resistor with <1% tolerance.
www.ti.com
TPS274C65
SLVSFZ2C – APRIL 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com