Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65ASH Datasheet(PDF) 72 Page - Texas Instruments

Part # TPS274C65ASH
Description  TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65ASH Datasheet(HTML) 72 Page - Texas Instruments

Back Button TPS274C65ASH Datasheet HTML 68Page - Texas Instruments TPS274C65ASH Datasheet HTML 69Page - Texas Instruments TPS274C65ASH Datasheet HTML 70Page - Texas Instruments TPS274C65ASH Datasheet HTML 71Page - Texas Instruments TPS274C65ASH Datasheet HTML 72Page - Texas Instruments TPS274C65ASH Datasheet HTML 73Page - Texas Instruments TPS274C65ASH Datasheet HTML 74Page - Texas Instruments TPS274C65ASH Datasheet HTML 75Page - Texas Instruments TPS274C65ASH Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
Table 8-55. EN_SHRT_VS Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1
SHRT_VS_CH2_EN
R/W
0h
Set this bit to 1 to enable the short_to_VS (off-state) fault diagnostic
in CH2
0h = short_to_VS (off-state) fault diagnostic in CH2 not enabled
1h = short_to_VS (off-state) fault diagnostic in CH2 enabled
0
SHRT_VS_CH1_EN
R/W
0h
Set this bit to 1 to enable the short_to_VS (off-state) fault diagnostic
in CH1
0h = short_to_VS (off-state) fault diagnostic in CH1 not enabled
1h = short_to_VS (off-state) fault diagnostic in CH1 enabled
8.6.43 ADC_ISNS_DIS Register (Offset = 2Bh) [Reset = 00h]
ADC_ISNS_DIS is shown in Table 8-56.
Return to the Summary Table.
Allows disabling the ADC conversion of ISNS on a per channel basis
Table 8-56. ADC_ISNS_DIS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
3
ISNS_DIS_CH4
R/W
0h
Set this bit to 1 disable ISNS_CH4 conversion
0h = ISNS_CH4 ADC conversion included
1h = ISNS_CH4 ADC conversion disabled
2
ISNS_DIS_CH3
R/W
0h
Set this bit to 1 disable ISNS_CH3 conversion
0h = ISNS_CH3 ADC conversion included
1h = ISNS_CH3 ADC conversion disabled
1
ISNS_DIS_CH2
R/W
0h
Set this bit to 1 disable ISNS_CH2 conversion
0h = ISNS_CH2 ADC conversion included
1h = ISNS_CH2 ADC conversion disabled
0
ISNS_DIS_CH1
R/W
0h
Set this bit to 1 disable ISNS_CH1 conversion
0h = ISNS_CH1 ADC conversion included
1h = ISNS_CH1 ADC conversion disabled
8.6.44 ADC_TSNS_DIS Register (Offset = 2Ch) [Reset = 00h]
ADC_TSNS_DIS is shown in Table 8-57.
Return to the Summary Table.
Allows disabling the ADC conversion of TSNS on a per channel basis
Table 8-57. ADC_TSNS_DIS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
3
TSNS_DIS_CH4
R/W
0h
Set this bit to 1 disable TSNS_CH4 conversion
0h = TSNS_CH4 ADC conversion included
1h = TSNS_CH4 ADC conversion disabled
2
TSNS_DIS_CH3
R/W
0h
Set this bit to 1 disable TSNS_CH3 conversion
0h = TSNS_CH3 ADC conversion included
1h = TSNS_CH3 ADC conversion disabled
1
TSNS_DIS_CH2
R/W
0h
Set this bit to 1 disable TSNS_CH2 conversion
0h = TSNS_CH2 ADC conversion included
1h = TSNS_CH2 ADC conversion disabled
0
TSNS_DIS_CH1
R/W
0h
Set this bit to 1 disable TSNS_CH1 conversion
0h = TSNS_CH1 ADC conversion included
1h = TSNS_CH1 ADC conversion disabled
TPS274C65
SLVSFZ2C – APRIL 2023 – REVISED FEBRUARY 2024
www.ti.com
72
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com