Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS274C65ASH Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS274C65ASH
Description  TPS274C65xS 72mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS274C65ASH Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS274C65ASH Datasheet HTML 25Page - Texas Instruments TPS274C65ASH Datasheet HTML 26Page - Texas Instruments TPS274C65ASH Datasheet HTML 27Page - Texas Instruments TPS274C65ASH Datasheet HTML 28Page - Texas Instruments TPS274C65ASH Datasheet HTML 29Page - Texas Instruments TPS274C65ASH Datasheet HTML 30Page - Texas Instruments TPS274C65ASH Datasheet HTML 31Page - Texas Instruments TPS274C65ASH Datasheet HTML 32Page - Texas Instruments TPS274C65ASH Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
ICL
IOUTx
ENx
t
TJ
Normal operation
Load current increases to threshold. Current is
limited. Temp increases but does not reach
TABS/REL.
Normal operation
TABS
VOUTx
STx
Figure 8-20. Overcurrent Behavior
For more details on the current limiting functionality, please see Programmable Current Limit.
8.3.5.2 Short Circuit Protection
The TPS274C65xS provides output short-circuit protection to ensure that the device will prevent current flow
in the event of a low impedance path to GND, removing the risk of damage or significant supply droop. The
TPS274C65xS is guaranteed to protect against short-circuit events regardless of the state of the ILIM pins and
with up to 36 V supply at 125°C.
Figure 8-21 shows the behavior of the TPS274C65xS when the device is enabled into a short-circuit.
www.ti.com
TPS274C65
SLVSFZ2C – APRIL 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com