Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADU2 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 35Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 36Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 37Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 38Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 39Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 40Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 41Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 42Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 162 page
background image
Antenna Calibration
Page 27
4
Antenna Calibration
This chapter describes the antenna calibration process for a static calibration and a
dynamic calibration. An antenna calibration must be performed and the resultant vectors
entered before the ADU2 can calculate attitudes.
A static calibration can be used for the following circumstances:
•
stationary vehicle
•
vessel moored to a pier or in dry dock. A static calibration tolerates small antenna
motions such as rising and falling tides if the tide range is less than 6 feet.
•
aircraft parked on tarmac
A dynamic calibration should be used for a vessel, aircraft, or other vehicle which moves
during the antenna calibration.
Static Calibration Procedure
Conduct the static calibration procedure when the vehicle does not physically move
during calibration. You only need to calibrate the antennas once. However, you must
recalibrate the antenna array if the relative positions of the antennas change (i.e. replacing
an antenna, lowering and /or raising of antennas, etc.).
Every attempt should be made to set the antenna platform level during calibration.
The static calibration procedure has the following steps:
1.
Collect the data (ADULOG)
2.
Split the data (SPLIT3DF)
3.
Process and view the data (GPPS)
4.
Adjust relative antenna positions (ADJENU)
5.
Enter offset vector information (REMOTE).
Collect the Data
After the antennas are tracking satellites, the calibration data can be collected. Use
ADULOG to collect measurement data. Additional, detailed information about
ADULOG and the measurement data is available in Chapter 7, ADULOG. Table 4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com