Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADU2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 10Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 11Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 15Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 16Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 162 page
background image
Introduction
Page 1
1
Introduction
The Ashtech ADU2 is the most precise GPS-based three-dimensional position and attitude
determination system available, providing real-time heading pitch, and roll measurements
with accurate position and velocity perfect for static and dynamic platforms. The ADU2
offers unparalleled accuracy as a real-time attitude sensor in high-precision GPS
applications such as gyrocompass calibration, open-pit mining, seismic exploration, and
oecanographic research.
GPS-based attitude determination technology is based on differential carrier phase
measurements between four antennas connected to the receiver. The ADU2 employes a 4
antenna/12 channel configuration with the ability to select the best eight of twelve
channels to use in PDOP (Position Dilution of Precision)- based satellite searching and
tracking. This improves solution integrity, allowing close to 100% attitude availability,
providing two meter position accuracy and attitude angles can be as accurate as one
milliradian (0.057°) or better in real-time at a 2 Hz update rate.
The ADU2 capably compensates for a variety of antenna configurations in order to
accommodate diverse vehicle mounting requirements and cable lengths. In installations,
the unit requires that relative positions need only be determined once per installation.
Ashtech provides solutions for calibration in stationary conditions (e.g. an airplane on a
runway) and dynamic conditions (e.g. a ship at sea), saving valuable time before
beginning navigation computations.
How To Use This Manual
This manual describes the Ashtech ADU2 standard and optional configurations,
installation procedures, operation procedures, and requirements for a communications
interface with external equipment.
This manual explains how to install the ADU2 and calibrate the antenna array. For
environments where the ADU2 default settings are not suitable, instructions are included
to change the operating parameters using an external interface device such as a personal
computer.
Common GPS acronyms are listed in Appendix C, Reference.
This manual is divided into the following parts:
•
Chapter One: Introduction— general information on the ADU2 and
interfacing cables, including pin assignments.
•
Chapter Two: Quickstart—quick overview of the ADU2 installation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com