Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADU2 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # ADU2
Description  Operation and Reference Manual
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADU2 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button ADU2 Datasheet HTML 54Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 55Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 56Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 57Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 58Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 59Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 60Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 61Page - List of Unclassifed Manufacturers ADU2 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 162 page
background image
Page 46
ADU2 Operation and Reference Manual
was level during the calibration. The pitch
and roll offset angle computed from this
adjustment are:
PITCH OFFSET ANGLE:
1.937 (degrees)
ROLL
OFFSET ANGLE:
-1.970 (degrees)
If the adjusted relative antenna positions
are used, no pitch or roll offset angles
are needed.
*** -------------------------------------------- ***
The nine numbers listed in Adjusted Relative Antenna Positions (meters) section
list the BRF vectors of antennas 1-2, 1-3, and 1-4, respectively. Three of the
parameters are exactly 0.0, since only six independent parameters are needed to
describe a platform with three vectors.
It is very likely that pitch and roll offset angles will be induced. Refer to Appendix B.
13. Press any key to return to the Program Options menu.
14. Press <Esc> several times to exit CALI3DF.
15. Start PPLOT by typing pplot <ENTER> at the DOS prompt. The plotfile is
useful to judge whether the ambiguities have been fixed properly.
16. The main menu opens. Select the file plotbrf and press <ENTER>.
PPLOT plots the six non-zero parameters of the BRF vectors given in file
PLOTBRF (Figure 4.14). A good solution should have a small variation on
all six parameters, that is, the peak-to-peak error should be no more than two
centimeter on the screen. The largest variation is usually in the z-
components of the BRF vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com