Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFAC Datasheet(PDF) 7 Page - Neutrik AG

Part # HTFAC
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

HTFAC Datasheet(HTML) 7 Page - Neutrik AG

Back Button HTFAC Datasheet HTML 3Page - Neutrik AG HTFAC Datasheet HTML 4Page - Neutrik AG HTFAC Datasheet HTML 5Page - Neutrik AG HTFAC Datasheet HTML 6Page - Neutrik AG HTFAC Datasheet HTML 7Page - Neutrik AG HTFAC Datasheet HTML 8Page - Neutrik AG HTFAC Datasheet HTML 9Page - Neutrik AG HTFAC Datasheet HTML 10Page - Neutrik AG HTFAC Datasheet HTML 11Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.neutrik.com
7
NAC3MXW
20
____
250
NAC3MXW
20
____
250
NAC3MXW
20
____
250
NAC3MXW
20
____
250
NKPF
-
X
-
Y
-
3
Plug / end termination
Neutrik NAC3FXW / stripped open end
Approvals
UL, cUL
Standard length
1 m, 1.5 m, 2 m, 3 m, 5 m
Conductor size
3 x 12 AWG
Cable type / color / Nom. O.D.
SJTOW / black / 11.3 mm
Part Number e.g.
NKPF-NC-C-5
Cable type / color / Nom. O.D.
SJOOW / black / 11.3 mm
Part Number e.g.
NKPF-NC-D-3
Plug / end termination
Neutrik NAC3FXW / Neutrik NAC3MXW
Approvals
UL, cUL
Standard length
0.5 m, 1 m, 1.5 m
Conductor size
3 x 12 AWG
Cable type / color / Nom. O.D.
SJTOW / black / 11.3 mm
Part Number e.g.
NKPF-M-C-1
Cable type / color / Nom. O.D.
SJOOW / black / 11.3 mm
Part Number e.g.
NKPF-M-D-1
powerCON
TRUE1
powerCON
TRUE1
US Power Cord 20 A / 250 VAC
US Extension Cord 20 A / 250 VAC
US Cor d
Cable Part Number Br eakdown
Neutrik Power Cord
F ............ NAC3FX-W
M ........... NAC3MX-W
LENGTH in m
TERMINATION 2. END
M ........... NAC3MX-W
NC .......... Stripped open end
SR .......... Schuko right-angled
CABLE TYPE
A ........... H07RN-F3G1.5
B ............ H05VV-F3G1.5
C ............ SJTOW AWG 12
D ............ SJOOW AWG 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com