Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFAC Datasheet(PDF) 19 Page - Neutrik AG

Part # HTFAC
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

HTFAC Datasheet(HTML) 19 Page - Neutrik AG

Back Button HTFAC Datasheet HTML 15Page - Neutrik AG HTFAC Datasheet HTML 16Page - Neutrik AG HTFAC Datasheet HTML 17Page - Neutrik AG HTFAC Datasheet HTML 18Page - Neutrik AG HTFAC Datasheet HTML 19Page - Neutrik AG HTFAC Datasheet HTML 20Page - Neutrik AG HTFAC Datasheet HTML 21Page - Neutrik AG HTFAC Datasheet HTML 22Page - Neutrik AG HTFAC Datasheet HTML 23Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.neutrik.com
19
Assembly
T ools
T echnical
Data
Specification
nanoCON
miniCON
neutriCON
Series
Series
Series
Electrical
Mechanical
Material
Housing cable connector
CuSn4Pb4Zn4
ZnAl4Cu1 / CuZn39Pb3
ZnAl4Cu1
gal Ni or black chrome
Housing receptacle
CuZn39Pb2
ZnAl4Cu1
ZnAl4Cu1,
gal Ni or black chrome
Insert
PETP
PA 6.6
PBTP 15% GR
Contacts
CuZn35Pb2
CuZn35Pb2 (solder)
CuZn35Pb2 (solder)
CuZn39Pb3 (crimp)
CuSn6
Contact surface
0.5 µm Au
0.2 µm AuCo
0.3 µm Au hard
alloy over 2 µm Ni
Chuck POM
Envir onmental
Flammability
UL 94 HB
-
-
Flammability
UL 94 V-0
-
Temperature range
-30 °C to +80 °C
Protection class (mated)
IP 40*
IP 5X
IP 5X
Safety Requirements EN/IC61984
-
-
-
*: Receptacle
FASTON® is a trademark of AMP Inc.
Number of contacts
3
12 (1-12 modular system)
8 (1-8 modular system)
Rated current per contact
2 A
3 A
7.5 A (solder), 5 A (crimp)
Rated voltage
50 V ac
50 V ac
50 V ac
Dielectric strength
1000 V dc
1000 V dc
1500 Vdc
Contact resistance
≤ 12 mΩ
≤ 8 mΩ
≤ 5 mΩ
Insulation resistance after damp heat test (IEC 68-2-30)
> 1 G
Ω
> 500 M
Ω
> 500 M
Ω
Retention method
latch
Push-pull
Push-pull
Cable O.D. range
max. 3.4 mm
3 – 5 mm (grey chuck)
3 – 7 mm
-
5 – 7 mm (white chuck)
3 – 3.8 mm (SR8A)
-
2.5 – 6 mm
6 – 7 mm (SR8B)
-
(crimp version MSRC)
Wiring
0.2 mm
2 / 24 AWG
0.5 mm
2 / 20 AWG
1.0 mm
2 / 18 AWG
for solid wire
for solder
for solder
0.14 mm
2
0.22 mm
2
-
26 AWG
24 AWG
-
for stranded wire
for crimp
-
Solderability complies with IEC 68-2-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com