Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTFAC Datasheet(PDF) 10 Page - Neutrik AG

Part # HTFAC
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

HTFAC Datasheet(HTML) 10 Page - Neutrik AG

Back Button HTFAC Datasheet HTML 6Page - Neutrik AG HTFAC Datasheet HTML 7Page - Neutrik AG HTFAC Datasheet HTML 8Page - Neutrik AG HTFAC Datasheet HTML 9Page - Neutrik AG HTFAC Datasheet HTML 10Page - Neutrik AG HTFAC Datasheet HTML 11Page - Neutrik AG HTFAC Datasheet HTML 12Page - Neutrik AG HTFAC Datasheet HTML 13Page - Neutrik AG HTFAC Datasheet HTML 14Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
setting standards
10
NAC3FC-HC
NAC3MP-HC
NAC3FC-HC
NAC3MP-HC
powerCON
powerCON
T echnical
Data
powerCON
Or dering Information
NAC3FC-HC
Cable connector, quick lock with securing lever, screw terminals
NAC3MP-HC
Fast and easy locking system, screw-type terminals
powerCON 32 A Connectors
• Locking single phase AC appliance coupler
• High current capacity (32 A rated)
• Fast and easy locking system
• Excellent cable handling and protection
• Extremely robust and reliable
• 250 V ac, 32 A single-phase
(for ambient temperatures up to 35 °C)
• Premating contact for protective earth
• Locking system to prevent unintentional disengagement
• Cable O.D. range: 8 – 20 mm
• Wiring with screw-type terminals for wires 2.5 to 6.0 mm2
(AWG 14 – 10)
Robust metal
housing
Big bushing for cable
up to 20 mm
Locking key
Screw-type terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com