Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS54-0003-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS54-0003-RTR
Description  Low Cost Four-way SMT Power Splitter/Combiner, 1200 - 1660 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS54-0003-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS54-0003-RTR Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS54-0003
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
Low Cost Four-way SMT Power
Splitter/Combiner, 1200 - 1660 MHz
Features
•
Low Cost
•
Small Size and Low Profile
•
Industry Standard SOW-16 SMT Plastic Package
•
Excellent Repeatability (Lot-to-Lot Variation)
•
Typical Isolation: 23 dB
•
Typical Amplitude Balance: 0.3 dB
•
Typical Insertion Loss: 1.0 dB
•
Commercial and Military GPS and LEO
Frequency Coverage
Description
M/A-COM’s DS54-0003 is an IC-based monolithic
power splitter/combiner in a low cost SOW-16 plastic
package.
This
device
is
ideally
suited
for
applications where PCB real estate is at a premium
and standard packaging for automated assembly
a n d
l o w
c o s t
a r e
c r i t i c a l .
T y p i c a l
applications include infrastructure, portables and
peripheral devices (PCMCIA cards) for wireless
standards such as GSM, AMPS, CDPD, RAM and
ARDIS. Available in tape and reel.
The
DS54-0003
is
fabricated
using
a
passive-integrated circuit process. The process
features
full-chip
passivation
for
increased
performance and reliability.
SOW-16
Electrical Specifications
1: T
A = 25 °C
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss “above 6.0 dB theoretical loss”
1200 - 1660 MHz
dB
—
1.0
1.2
Isolation
1200 - 1660 MHz
dB
18
23
—
Input VSWR
1200 - 1660 MHz
Ratio
—
1.2:1
1.4:1
Output VSWR
1200 - 1660 MHz
Ratio
—
1.4:1
1.7:1
Amplitude Balance
1200 - 1660 MHz
dB
—
0.3
0.6
Phase Balance
1200 - 1660 MHz
deg
—
2
5
1. All specifications apply with a 50-ohm source and load impedance.
Ordering Information
Part Number
Package
DS54-0003
SOW-16 Lead Plastic Package
DS54-0003-TR
Forward Tape and Reel
DS54-0003-RTR
Reverse Tape and Reel


Similar Part No. - DS54-0003-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0001 MACOM-DS54-0001 Datasheet
37Kb / 2P
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
logo
M/A-COM Technology Solu...
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tyco Electronics
DS54-0001-RTR MACOM-DS54-0001-RTR Datasheet
37Kb / 2P
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
DS54-0001-TR MACOM-DS54-0001-TR Datasheet
37Kb / 2P
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
logo
M/A-COM Technology Solu...
DS54-0001-TR MA-COM-DS54-0001-TR Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
More results

Similar Description - DS54-0003-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0001 MACOM-DS54-0001 Datasheet
37Kb / 2P
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
DS54-0002 MACOM-DS54-0002 Datasheet
58Kb / 2P
Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
74Kb / 4P
Four Way SMT Power Splitter/Combiner
MAPDCC0014 MA-COM-MAPDCC0014_15 Datasheet
503Kb / 5P
Four Way SMT Power Splitter/Combiner
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com