Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68C-R Datasheet(PDF) 67 Page - InnovASIC, Inc

Part # IA88C00-PLC68C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68C-R Datasheet(HTML) 67 Page - InnovASIC, Inc

Back Button IA88C00-PLC68C-R Datasheet HTML 63Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 64Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 65Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 66Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 67Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 68Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 69Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 70Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 71Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 67 of 80
1.888.824.4184
DC Characteristics
Symbol
Parameter
Min
Max
Unit
Condition
VCH
Clock Input High Voltage
3.5
VCC
V
Driven by External Clock Generator
VCL
Clock Input Low Voltage
-0.3
1.5
V
Driven by External Clock Generator
VIH
Input High Voltage
2.2
VCC
V
VIL
Input Low Voltage
-0.3
0.8
V
VRH
Reset Input High Voltage
3.8
VCC
V
VRL
Reset Input Low Voltage
-0.3
0.8
V
VOH
Output High Voltage
3.5
V
IOH = -400 µA
VOL
Output Low Voltage
0.4
V
IOL = +400 mA
VIL
Input Leakage
-10
10
µA
IOL
Output Leakage
-10
10
µA
IIR
Reset Input Current
-50
µA
ICC
VCC Supply Current
90
mA
[1]
ICC1
Standby Current
5
mA
@ 20 MHz [2]
10
mA
@ 30 MHz [2]
ICC2
Standby Current
20
µA
[3]
NOTES
Following are estimated values:
1.
In this case all outputs and I/O pins are floating.
2.
Estimated Values, not tested. HALT mode is invoked with UART CT0 and CT1 deactivated with all input pins tied to VCC
or VSS.
3.
Estimated Values, not tested. STOP mode is invoked with all input pins tied to VCC or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com