Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68C-R Datasheet(PDF) 68 Page - InnovASIC, Inc

Part # IA88C00-PLC68C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68C-R Datasheet(HTML) 68 Page - InnovASIC, Inc

Back Button IA88C00-PLC68C-R Datasheet HTML 64Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 65Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 66Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 67Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 68Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 69Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 70Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 71Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 72Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 68 of 80
1.888.824.4184
AC Electrical Characteristics
Figure 64. External I/O or Memory Read and Write Timing
Number
Symbol
Parameter
1
TdA(AS)
Address valid to /AS Rise Delay
2
ThAS(A)
/AS Rise to Address Valid
3
TdAS(DI)
/AS Rise to Data in Required Valid Delay
4
TwAS
/AS Low Width
5
TdAZ (DSR)
Address Float to /DS (Read)
6
TwDSR
/DS (Read) Low Width
7
TwDSW
/DS (Write) Low Width
8
TdDSR (DI)
/DS (Read) to Data
9
ThDSR (DI)
/DS Rise (Read) to Data in Hold Time
10
TdDS (A)
/DS Rise to Address Active Delay
11
TdDA (AS)
/DS Rise to /AS Delay
12
TdR/W (AS)
R/W to AS Rise Delay
13
TdDS (R/W)
DS Rise to R/W Valid Delay
14
TdDO (DSW)
Data Out to /DS (Write) Delay
15
ThDSW (DO)
/DS Rise (Write) to Data Out Hold Time
16
TdA (DI)
Address to Data In Required Valid Delay
17
TdAS (DSR)
/AS Rise to D/S (Read) Delay
18
TsDI (DSR)
Data in Setup Time to DS Rise (Read)
19
TdDM (AS)
/DM to /AS Rise Delay
20
TdDS (DM)
/DS Rise to /DM Valid Delay
21
ThDS (A)
/DS Rise to Address Valid Hold Time
22
TwW
Wait Width (One Wait) Window
23
TdAS (W)
/AS Rise to Wait Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com