Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PLC68C-R Datasheet(PDF) 71 Page - InnovASIC, Inc

Part # IA88C00-PLC68C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PLC68C-R Datasheet(HTML) 71 Page - InnovASIC, Inc

Back Button IA88C00-PLC68C-R Datasheet HTML 67Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 68Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 69Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 70Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 71Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 72Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 73Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 74Page - InnovASIC, Inc IA88C00-PLC68C-R Datasheet HTML 75Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 71 of 80
1.888.824.4184
Figure 67. 25 MHz Timing
No.
Symbol
Normal
Min
Max
Extended
Min
Max
1
TdA (AS)
15
50
2
ThAS (A)
15
50
3
TdAS (DI)
140
280
4
TwAS
26
65
5
TdAZ (DSR)
0
0
6
TwDSR
110
220
7
TwDSW
65
142
8
TdDSR (DI)
85
195
9
ThDSR (DI)
0
0
10
TdDS (A)
20
55
11
TdDS (AS)
15
50
12
TdR/W (AS)
15
50
13
TdDS (R/W)
15
50
14
TdDO (DSW)
20
50
15
ThDSW (DO)
15
50
16
TdA (DI)
155
330
17
TdAS (DSR)
15
50
18
TsDI (DSR)
25
25
19
TdDM (AS)
10
45
20
TdDS (DM)
15
50
21
ThDS (A)
15
50
Input Handshake Timing
1
2
3
4
6
7
DATA IN
DAV IN
RDY OUT
5
Figure 68. Fully Interlocked Mode (Input Handshake)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com