Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT1N60R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHT1N60R
Description  PowerMOS transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT1N60R Datasheet(HTML) 4 Page - NXP Semiconductors

  PHT1N60R Datasheet HTML 1Page - NXP Semiconductors PHT1N60R Datasheet HTML 2Page - NXP Semiconductors PHT1N60R Datasheet HTML 3Page - NXP Semiconductors PHT1N60R Datasheet HTML 4Page - NXP Semiconductors PHT1N60R Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistor
PHT1N60R
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.11 g
Fig.3. SOT223 surface mounting package.
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent dam-
age to MOS gate oxide.
2. Refer to surface mounting instructions for SOT223 envelope.
3. Epoxy meets UL94 V0 at 1/8".
6.7
6.3
3.1
2.9
4
1
23
2.3
1.05
0.85
0.80
0.60
4.6
3.7
3.3
7.3
6.7
B
A
0.10
0.02
13
16
max
1.8
max
10
max
0.32
0.24
(4x)
B
M
0.1
A
M
0.2
February 1998
4
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com