Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT1N60R Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHT1N60R
Description  PowerMOS transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT1N60R Datasheet(HTML) 1 Page - NXP Semiconductors

  PHT1N60R Datasheet HTML 1Page - NXP Semiconductors PHT1N60R Datasheet HTML 2Page - NXP Semiconductors PHT1N60R Datasheet HTML 3Page - NXP Semiconductors PHT1N60R Datasheet HTML 4Page - NXP Semiconductors PHT1N60R Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistor
PHT1N60R
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel
enhancement
mode
SYMBOL
PARAMETER
MAX.
UNIT
field-effect power transistor in a
plastic envelope suitable for surface
V
DS
Drain-source voltage
600
V
mounting featuring high avalanche
I
D
Drain current (DC)
0.53
A
energy capability, stable blocking
P
tot
Total power dissipation
1.8
W
voltage, fast switching and high
R
DS(ON)
Drain-source on-state resistance
16.0
Ω
thermal
cycling
performance.
Intended for use in Compact Fluor-
escent Lights (CFL) and general
purpose switching applications.
PINNING - SOT223
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain (tab)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
600
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-
600
V
±V
GS
Gate-source voltage
-
30
V
I
D
Drain current (DC)
T
sp =
25 ˚C
-
0.53
A
T
sp = 100 ˚C
-
0.4
A
I
DM
Drain current (pulse peak
T
sp =
25 ˚C
-
2.12
A
value)
I
DR
Source-drain diode current
T
sp =
25 ˚C
-
0.53
A
(DC)
I
DRM
Source-drain diode current
T
sp =
25 ˚C
-
2.12
A
(pulse peak value)
P
tot
Total power dissipation
T
sp =
25 ˚C
-
1.8
W
T
stg
Storage temperature
-55
150
˚C
T
j
Junction temperature
-
150
˚C
AVALANCHE LIMITING VALUE
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 2 A ; VDD ≤ 50 V ; VGS = 10 V ;
unclamped inductive turn-off
R
GS = 50 Ω
energy
T
j = 25˚C prior to surge
-
20
mJ
T
j = 100˚C prior to surge
-
8
mJ
W
DSR
1
Drain-source repetitive
I
D = 2 A ; VDD ≤ 50 V ; VGS = 10 V ;
-
3.6
mJ
unclamped inductive turn-off
R
GS = 50 Ω ; Tj ≤ 150 ˚C
energy
1. Pulse width and frequency limited by T
j(max)
4
1
23
d
g
s
February 1998
1
Rev 1.000


Similar Part No. - PHT1N60R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHT1N52S PHILIPS-PHT1N52S Datasheet
27Kb / 5P
PowerMOS transistor
February 1998 Rev 1.000
More results

Similar Description - PHT1N60R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
PowerMOS transistor
July 1997 Rev 1.000
PHP18N20E PHILIPS-PHP18N20E Datasheet
54Kb / 7P
PowerMOS transistor
March 1997 Rev 1.000
PHP20N06E PHILIPS-PHP20N06E Datasheet
54Kb / 7P
PowerMOS transistor
August 1996 Rev 1.000
PHP2N40 PHILIPS-PHP2N40 Datasheet
57Kb / 7P
PowerMOS transistor
June 1997 Rev 1.000
PHP2N60 PHILIPS-PHP2N60 Datasheet
51Kb / 7P
PowerMOS transistor
April 1997 Rev 1.001
PHP36N06E PHILIPS-PHP36N06E Datasheet
51Kb / 7P
PowerMOS transistor
August 1996 Rev 1.000
PHP4N50E PHILIPS-PHP4N50E Datasheet
21Kb / 4P
PowerMOS transistor
October 1996 Rev 1.000
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
PowerMOS transistor
June 1997 1 Rev 1.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com