Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT1N60R Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHT1N60R
Description  PowerMOS transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT1N60R Datasheet(HTML) 3 Page - NXP Semiconductors

  PHT1N60R Datasheet HTML 1Page - NXP Semiconductors PHT1N60R Datasheet HTML 2Page - NXP Semiconductors PHT1N60R Datasheet HTML 3Page - NXP Semiconductors PHT1N60R Datasheet HTML 4Page - NXP Semiconductors PHT1N60R Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Objective specification
PowerMOS transistor
PHT1N60R
MOUNTING INSTRUCTIONS
Dimensions in mm.
Fig.1. soldering pattern for surface mounting SOT223.
PRINTED CIRCUIT BOARD
Dimensions in mm.
Fig.2. PCB for thermal resistance and power rating for SOT223.
PCB: FR4 epoxy glass (1.6 mm thick), copper laminate (35
µm thick).
3.8
min
6.3
2.3
4.6
1.5
min
1.5
min
1.5
min
(3x)
36
60
9
10
4.6
18
4.5
7
15
50
February 1998
3
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com