Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT2NQ10T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHT2NQ10T
Description  N-channel TrenchMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT2NQ10T Datasheet(HTML) 4 Page - NXP Semiconductors

  PHT2NQ10T Datasheet HTML 1Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 2Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 3Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 4Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 5Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 6Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 7Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 8Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
PHT2NQ10T
N-channel TrenchMOS transistor
Product data
Rev. 01 — 16 October 2001
4 of 12
9397 750 08918
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
7.
Thermal characteristics
7.1 Transient thermal impedance
Table 4:
Thermal characteristics
Symbol Parameter
Conditions
Value
Unit
Rth(j-sp)
thermal resistance from junction to solder point mounted on a metal clad substrate; Figure 5
20
K/W
Rth(j-a)
thermal resistance from junction to ambient
mounted on a printed-circuit board;
minimum footprint
150
K/W
Tsp =25 °C
Fig 5.
Transient thermal impedance from junction to solder point as a function of pulse duration.
03ag26
10-1
1
10
102
10-5
10-4
10-3
10-2
10-1
1
10
tp (s)
Zth(j-sp)
(K/W)
single pulse
δ = 0.5
0.2
0.1
0.05
0.02
tp
tp
T
P
t
T
δ =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com