Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT2NQ10T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHT2NQ10T
Description  N-channel TrenchMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT2NQ10T Datasheet(HTML) 2 Page - NXP Semiconductors

  PHT2NQ10T Datasheet HTML 1Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 2Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 3Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 4Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 5Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 6Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 7Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 8Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
PHT2NQ10T
N-channel TrenchMOS transistor
Product data
Rev. 01 — 16 October 2001
2 of 12
9397 750 08918
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ to ≤ 150 °C
−
100
V
ID
drain current (DC)
Tsp =25 °C; VGS =10V
−
2.5
A
Ptot
total power dissipation
Tsp =25 °C
−
6.25
W
Tj
junction temperature
−
150
°C
RDSon
drain-source on-state resistance
VGS = 10 V; ID = 1.75 A
315
430
m
Ω
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ to ≤ 150 °C
−
100
V
VDGR
drain-gate voltage (DC)
25
°C ≤ to ≤ 150 °C; RGS =20kΩ−
100
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Tsp =25 °C; VGS =10V; Figure 2 and 3
−
2.5
A
Tsp = 100 °C; VGS =10V;
−
1.6
A
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs; Figure 3
−
10
A
Ptot
total power dissipation
Tsp =25 °C; Figure 1
−
6.25
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−65
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tsp =25 °C
−
2.5
A
ISM
peak source (diode forward) current Tsp =25 °C; tp ≤ 10 µs
−
10
A
Avalanche ruggedness
EAS
non-repetitive avalanche energy
unclamped inductive load; ID =2.5 A;
tp = 0.2 ms; VDD ≤ 15 V; RGS =50 Ω;
VGS = 10 V; starting Tj =25 °C; Figure 4
−
32
mJ
IAS
non-repetitive avalanche current
unclamped inductive load; VDD ≤ 15 V;
RGS =50 Ω; VGS =10V; Figure 4
−
2.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com