Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT2NQ10T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHT2NQ10T
Description  N-channel TrenchMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT2NQ10T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHT2NQ10T Datasheet HTML 2Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 3Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 4Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 5Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 6Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 7Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 8Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 9Page - NXP Semiconductors PHT2NQ10T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
PHT2NQ10T
N-channel TrenchMOS transistor
Product data
Rev. 01 — 16 October 2001
6 of 12
9397 750 08918
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 150 °C; VDS > ID × RDSon
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 9.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03ag28
0
2
4
6
8
10
01
23
45
VDS (V)
ID
(A)
6 V
6.5 V
Tj = 25ºC
VGS = 10V
4.5 V
5 V
5.5 V
7 V
03ag30
0
2
4
6
02
46
8
VGS (V)
ID
(A)
VDS > ID X RDSon
Tj = 25ºC
150ºC
03ag29
0.1
0.2
0.3
0.4
0.5
0.6
02468
10
ID (A)
RDSon
(
Ω)
10 V
VGS = 6V
Tj = 25ºC
6.5 V
7 V
03aa29
0
0.5
1
1.5
2
2.5
3
-60
0
60
120
180
Tj (
oC)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com