Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT6N03LT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHT6N03LT
Description  TrenchMOS transistor Logic level FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N03LT Datasheet(HTML) 4 Page - NXP Semiconductors

  PHT6N03LT Datasheet HTML 1Page - NXP Semiconductors PHT6N03LT Datasheet HTML 2Page - NXP Semiconductors PHT6N03LT Datasheet HTML 3Page - NXP Semiconductors PHT6N03LT Datasheet HTML 4Page - NXP Semiconductors PHT6N03LT Datasheet HTML 5Page - NXP Semiconductors PHT6N03LT Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N03LT
Logic level FET
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 3.2 A; VGS = 5 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
02468
10
0
10
20
30
40
50
60
BUK9830-30
VDS / V
ID / A
2.5
3
3.5
4
4.5
5
10
6
VGS / V =
0
1020
3040
5060
0
10
20
9830-30
ID / A
gfs / S
Tj / C = 25
150
0
102030405060
0
9830-30
ID / A
RDS(ON) / mOhm
10
20
30
40
50
60
VGS / V =
10
6
5
4.5
4
3.5
3
-50
0
50
100
150
0
0.5
1
1.5
2
SOT223 30V Trench
Tj / C
a
Normalised RDS(ON) = f(Tj)
0123
456
0
10
20
30
40
50
60
9830-30
VGS / V
ID / A
Tj / C = 25
150
BUK959-60
-100
-50
0
50
100
150
200
0
0.5
1
1.5
2
2.5
Tj / C
VGS(TO) / V
max.
typ.
min.
January 1998
4
Rev 1.300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com