Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT6N03LT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHT6N03LT
Description  TrenchMOS transistor Logic level FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N03LT Datasheet(HTML) 3 Page - NXP Semiconductors

  PHT6N03LT Datasheet HTML 1Page - NXP Semiconductors PHT6N03LT Datasheet HTML 2Page - NXP Semiconductors PHT6N03LT Datasheet HTML 3Page - NXP Semiconductors PHT6N03LT Datasheet HTML 4Page - NXP Semiconductors PHT6N03LT Datasheet HTML 5Page - NXP Semiconductors PHT6N03LT Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N03LT
Logic level FET
AVALANCHE LIMITING VALUE
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 5.9 A; VDD ≤ 15 V;
-
60
mJ
unclamped inductive turn-off
V
GS = 10 V; RGS = 50 Ω; Tamb = 25 ˚C
energy
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tamb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tamb); conditions: VGS ≥ 5 V
Fig.3. Safe operating area. T
amb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-amb = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
Tamb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
100
1000
0.01
0.1
1
10
100
7830-30
VDS / V
ID / A
RDS(ON)
=
VDS
/ ID
tp = 10 us
100 us
1 ms
10 ms
100 ms
DC
0
20
40
60
80
100
120
140
Ambient temperature, Tamb (C)
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-07
1E-05
1E-03
1E-01
1E+01
1E+03
BUKX83
t / s
Zth j-amb / (K/W)
1E+02
1E+01
1E+00
1E-01
1E-02
0
0.5
0.2
0.1
0.05
0.02
D =
D =
tp
tp
T
T
P
t
D
January 1998
3
Rev 1.300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com