Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT6N03LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHT6N03LT
Description  TrenchMOS transistor Logic level FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHT6N03LT Datasheet(HTML) 1 Page - NXP Semiconductors

  PHT6N03LT Datasheet HTML 1Page - NXP Semiconductors PHT6N03LT Datasheet HTML 2Page - NXP Semiconductors PHT6N03LT Datasheet HTML 3Page - NXP Semiconductors PHT6N03LT Datasheet HTML 4Page - NXP Semiconductors PHT6N03LT Datasheet HTML 5Page - NXP Semiconductors PHT6N03LT Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N03LT
Logic level FET
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 30 V
• Very low on-state resistance
• Fast switching
I
D = 5.9 A
• Stable off-state characteristics
• High thermal cycling performance
R
DS(ON) ≤ 30 mΩ (VGS = 5 V)
• Surface mounting package
R
DS(ON) ≤ 28 mΩ (VGS = 10 V)
GENERAL DESCRIPTION
PINNING
SOT223
N-channel
enhancement
mode
PIN
DESCRIPTION
logic
level
field-effect
power
transistor
using
’trench’
1
gate
technology. The device has very
low
on-state
resistance.
It
is
2
drain
intended for use in dc to dc
converters and general purpose
3
source
switching applications.
tab
drain
The PHT6N03LT is supplied in the
SOT223
surface
mounting
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
30
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-30
V
V
GS
Gate-source voltage
-
± 13
V
I
D
Continuous drain current
T
amb =
25 ˚C; V
GS = 10 V
-
5.9
A
T
amb = 100 ˚C; VGS = 10 V
-
4.1
A
I
DM
Pulsed drain current
-
23.6
A
P
D
Total power dissipation
T
amb = 25 ˚C
-
1.8
W
T
j, Tstg
Operating junction and
- 55
150
˚C
storage temperature
ESD LIMITING VALUE
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge
Human body model (100 pF, 1.5 k
Ω)-
2
kV
capacitor voltage, all pins
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-sp
Thermal resistance junction
mounted on any pcb
-
-
15
K/W
to solder point
R
th j-a
Thermal resistance junction
mounted on test pcb of fig:17
-
70
-
K/W
to ambient
d
g
s
4
1
23
January 1998
1
Rev 1.300


Similar Part No. - PHT6N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHT6N03T PHILIPS-PHT6N03T Datasheet
70Kb / 10P
TrenchMOS transistor Standard level FET
November 1997 Rev 1.200
More results

Similar Description - PHT6N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
PHT11N06LT PHILIPS-PHT11N06LT Datasheet
69Kb / 9P
TrenchMOS transistor Logic level FET
January 1998 Rev 1.100
PHB21N06LT PHILIPS-PHB21N06LT Datasheet
82Kb / 10P
TrenchMOS transistor Logic level FET
September 1998-Rev 1.400
BUK9516_9616-55A PHILIPS-BUK9516_9616-55A_15 Datasheet
108Kb / 9P
TrenchMOS transistor Logic level FET
May 2000 Rev 1.000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com