Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
39
Chapter 5
Resets
5.1 Introduction
The MCU can be reset four ways: by the initial power-on reset function, by an active low input to the
RESET pin, by the COP, or by the clock monitor. A reset immediately stops the operation of the instruction
being executed, initializes some control bits, and loads the program counter with a user-defined reset
vector address. Figure 5-1 is a block diagram of the reset sources.
Figure 5-1. Reset Sources
5.2 Power-On Reset (POR)
A power-on-reset occurs when a positive transition is detected on VDD. The power-on reset is strictly for
power turn-on conditions and should not be used to detect a drop in the power supply voltage. There is a
4064 internal processor clock cycle (tcyc) oscillator stabilization delay after the oscillator becomes active.
(When configured as a C9A, the RESET pin will output a logic 0 during the 4064-cycle delay.) If the
RESET pin is low after the end of this 4064-cycle delay, the MCU will remain in the reset condition until
RESET is driven high externally.
5.3 RESET Pin
The function of the RESET pin is dependent on whether the device is configured as an MC68HC05C9A
or an MC68HC05C12A. When it is in the MC68HC05C12A configuration, the pin is input only. When in
MC68HC05C9A configuration the pin is bidirectional. In both cases the MCU is reset when a logic 0 is
applied to the RESET pin for a period of one and one-half machine cycles (t
RL
). For the MC68HC05C9A
configuration, the RESET pin will be driven low by a COP, clock monitor, or power-on reset.
VDD
RESET
RESET
LATCH
POWER-ON RESET
D
INTERNAL CLOCK
R
RST
TO CPU AND
SUBSYSTEMS
Q
STOP
CLOCK MONITOR
COP WATCHDOG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com