Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 118 page
background image
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
79
Chapter 11
Instruction Set
11.1 Introduction
The microcontroller unit (MCU) instruction set has 62 instructions and uses eight addressing modes. The
instructions include all those of the M146805 CMOS (complementary metal oxide silicon) Family plus one
more: the unsigned multiply (MUL) instruction. The MUL instruction allows unsigned multiplication of the
contents of the accumulator (A) and the index register (X). The high-order product is stored in the index
register, and the low-order product is stored in the accumulator.
11.2 Addressing Modes
The central processor unit (CPU) uses eight addressing modes for flexibility in accessing data. The
addressing modes provide eight different ways for the CPU to find the data required to execute an
instruction. The eight addressing modes are:
•
Inherent
•Immediate
•Direct
•
Extended
•
Indexed, no offset
•
Indexed, 8-bit offset
•
Indexed, 16-bit offset
•
Relative
11.2.1 Inherent
Inherent instructions are those that have no operand, such as return from interrupt (RTI) and stop (STOP).
Some of the inherent instructions act on data in the CPU registers, such as set carry flag (SEC) and
increment accumulator (INCA). Inherent instructions require no operand address and are one byte long.
11.2.2 Immediate
Immediate instructions are those that contain a value to be used in an operation with the value in the
accumulator or index register. Immediate instructions require no operand address and are two bytes long.
The opcode is the first byte, and the immediate data value is the second byte.
11.2.3 Direct
Direct instructions can access any of the first 256 memory locations with two bytes. The first byte is the
opcode, and the second is the low byte of the operand address. In direct addressing, the CPU
automatically uses $00 as the high byte of the operand address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com