Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 75Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
Serial Peripheral Interface (SPI)
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
74
Freescale Semiconductor
The SPI is double buffered on read, but not on write. If a write is performed during data transfer, the
transfer occurs uninterrupted, and the write will be unsuccessful. This condition will cause the write
collision (WCOL) status bit in the SPSR to be set. After a data byte is shifted, the SPIF flag of the SPSR
is set.
In the master mode, the SCK pin is an output. It idles high or low, depending on the CPOL bit in the SPCR,
until data is written to the shift register, at which point eight clocks are generated to shift the eight bits of
data and then SCK goes idle again.
In a slave mode, the slave select start logic receives a logic low at the SS pin and a clock at the SCK pin.
Thus, the slave is synchronized with the master. Data from the master is received serially at the MOSI
line and loads the 8-bit shift register. After the 8-bit shift register is loaded, its data is parallel transferred
to the read buffer. During a write cycle, data is written into the shift register, then the slave waits for a clock
train from the master to shift the data out on the slave’s MISO line.
Figure 10-3 illustrates the MOSI, MISO, SCK, and SS master-slave interconnections.
Figure 10-3. Serial Peripheral Interface Master-Slave Interconnection
10.5 SPI Registers
Three registers in the SPI provide control, status, and data storage functions. These registers are called
the serial peripheral control register (SPCR), serial peripheral status register (SPSR), and serial
peripheral data I/O register (SPDR) and are described in the following paragraphs.
10.5.1 Serial Peripheral Control Register
The SPI control register (SPCR), shown in Figure 10-4, controls these functions:
•
Enables SPI interrupts
•
Enables the SPI system
•
Selects between standard CMOS or open drain outputs for port D (C9A mode only)
•
Selects between master mode and slave mode
•
Controls the clock/data relationship between master and slave
•
Determines the idle level of the clock pin
SPI SHIFT REGISTER
7 6 5 4 3 2 1 0
SPI SHIFT REGISTER
7 6 5 4 3 2 1 0
SPDR ($000C)
SPDR ($000C)
PD3/MOSI
PD2/MISO
PD5/SS
PD4/SCK
MASTER MCU
SLAVE MCU
I/O PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com