Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-RSA-160 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCT-RSA-160
Description  Low Profile Wideband Rail Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCT-RSA-160 Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCT-RSA-160 Datasheet HTML 1Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 2Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 3Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Profile Wideband Rail Antenna
Rail Antenna
Rugged and tough for railroad
applications, this antenna is
esigned to meet stringent AAR
environmental standards.
Description
Frequencies
• 158-163 MHz
• 217-233 MHz
• Versatile - may be mounted on locomotive,
crew car, or other rugged vehicles
• Rugged - hard coat anodized fully welded
aluminum construction
• Low-profile - only approximately 4.4 inches tall
• Field tunable - optimizes performance in various
mounting conditions
• Two-hole stud mount - easy installation
Features
DATASHEET
PCT-RSA-160, PCT-RSA-220
DATASHEET
MOBILE ANTENNAS


Similar Part No. - PCT-RSA-160

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCT-RSABD-DP PCTEL-PCT-RSABD-DP Datasheet
148Kb / 1P
Bi-Directional Train Top Antenna
More results

Similar Description - PCT-RSA-160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4520 TI-THS4520 Datasheet
1,002Kb / 23P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
logo
Taoglas antenna solutio...
FXUB65.07.0180C TAOGLAS-FXUB65.07.0180C Datasheet
1Mb / 15P
Flexible Wideband Antenna
FXUB68.07.0180C TAOGLAS-FXUB68.07.0180C Datasheet
7Mb / 15P
Flexible Wideband Antenna
logo
Johanson Technology Inc...
5400AT18A1000E JOHANSON-5400AT18A1000E Datasheet
351Kb / 3P
5.4 GHz Wideband Antenna
logo
Taoglas antenna solutio...
TL101HH11 TAOGLAS-TL101HH11 Datasheet
1Mb / 24P
Wideband Direct Mount antenna
GA110101111 TAOGLAS-GA110101111 Datasheet
1Mb / 12P
Magnetic UltraMount Ultra-Wideband Wideband Antenna
TL.10.1HH11W TAOGLAS-TL.10.1HH11W_17 Datasheet
2Mb / 22P
WIDEBAND DIRECT MOUNT ANTENNA
TL.10.1HH11 TAOGLAS-TL.10.1HH11_17 Datasheet
1Mb / 24P
Wideband Direct Mount antenna
logo
Molex Electronics Ltd.
PS-146184-100 MOLEX-PS-146184-100 Datasheet
381Kb / 7P
Ultra Wideband PCB Antenna
2016-03-22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com