Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-RSA-160 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # PCT-RSA-160
Description  Low Profile Wideband Rail Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCT-RSA-160 Datasheet(HTML) 2 Page - PCTEL, Inc.

  PCT-RSA-160 Datasheet HTML 1Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 2Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 3Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Profile Wideband Rail Antenna
Rail Antenna
Low Profile Wideband Rail Antenna
Rail Antenna
The rugged PCTEL® PCT-RSA directional antennas are designed to be roof mounted on
locomotive, crew car, or other railroad vehicles exposed to severe vibration and harsh
environmental conditions.
Features
• Versatile – may be mounted on locomotive, crew car, or other rugged vehicles
• Rugged – hard coat anodized fully welded aluminum construction
• Low profile – approximately 4.4 inches tall
• Field tunable – optimizes performance in various mounting conditions
• Easy of installation – Two-hole stud mounting
• AAR compliant design
Applications
• Roof mounting on locomotives, crew cars and other railroad vehicles
Certifications
2
SPECIFICATIONS
> pctel.com/antenna-products
ISO-VIEW
SCALE 1 : 2
A
A
B
B
1
1
2
2
3
3
4
4
SEE
COMPONENT
PRINTS
SEE COMPONENT
PRINTS
IP
MATERIAL:
CHECKED
DRAWN
FINISH:
11/15/2016
DATE
PCT-RSA-220
PCTEL, INC.
471 BRIGHTON DRIVE
BLOOMINGDALE, IL 60108
PH. 630-372-6800
FAX. 630-372-8077
B
SCALE
SHEET
1 OF 1
DRAWING NO.
DESCRIPTION
1:1
11/15/2016
SIZE
FOR TOLERANCES NOT SPECIFIED USE:
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
CE
[X.X mm
.3 mm]
ANGULAR
 1
DATE
[X mm
3 mm]
[ X.XX mm
.13 mm]
VHF220 MHZ PCT-RSA ANTENNA
THE INFORMATION AND/OR DRAWINGS CONTAINED IN THIS DOCUMENT IS
CONFIDENTIAL AND PROPRIETARY TO PCTEL, INC. AND MAY NOT BE USED,
REPRODUCED, IN WHOLE OR IN PART, OR MODIFIED IN ANY WAY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN AUTHORIZED
REPRESENTATIVE OF PCTEL, INC.
SUPPLIER PRINT ACCEPTANCE:
[ ] Accept drawing/specification:
No changes needed:
[ ] This part is RoHS compliant
[ ] This part is REACH compliant
[ ] Accept drawing/specification.
Notes/Mark-ups added
[ ] Cannot accept drawing/spec.
Notes/Mark-ups added
Supplier Projected Outgoing Quality:
SIGMA LEVEL :_________or PPM:_______
Signature__________________Date:_______
THIRD ANGLE PROJECTION
PCTEL PROPRIETARY DATA
NOTES: UNLESS OTHERWISE SPECIFIED
1. A (REF) DIMENSION IS FOR INFORMATION PURPOSES
ONLY AND NO TOLERANCE IS IMPLIED.
REVISION HISTORY
REV
DESCRIPTION
DATE
APPROVED
1
VHF 220 MHZ PCT-RSA ANTENNA
2/12/2016
CE
(
21.01)
(
22.40)
(171.38)
(195.40)
(
64.00)
(
49.80)
ANTENNA BASE
TAIL DIELECTRIC
HEXNUT, THIN,
1-14 UNS 2B, SET SCREW
ADAPTER, N
STRAIGHT BULKHEAD
JACK TO JACK
CAP, PROTECTIVE,
CONNECTOR, TYPE N
PRODUCT LABEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com