Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT-RSA-160 Datasheet(PDF) 3 Page - PCTEL, Inc.

Part # PCT-RSA-160
Description  Low Profile Wideband Rail Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCT-RSA-160 Datasheet(HTML) 3 Page - PCTEL, Inc.

  PCT-RSA-160 Datasheet HTML 1Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 2Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 3Page - PCTEL, Inc. PCT-RSA-160 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Profile Wideband Rail Antenna
Rail Antenna
3
*Gain is ground plane dependent; more gain can be achieved with larger ground plane.
** Specified height is height above mounting surface.
SPECIFICATIONS
Standard Configuration
Electrical Specifications – Band Specific
Model
Dimensions (L x H)
Temperature Range
Antenna Material
PCT-RSA-160
15.78 L x 4.32 H in (40.08 x 10.9 cm)
-40°C to +85°C
Aluminum, black hard coat anodized
PCT-RSA-220
6.81 L x 4.32 H in (17.2 x 10.9 cm)**
Model
Cable
Connector
Mount
PCT-RSA-160
Sold separately
Type N Female
Through-hole stud mounting for 1-inch holes
PCT-RSA-220
Model
Frequency Range
Gain*
VSWR
Average
Power
Nominal
Impedance
Polarization
PCT-RSA-160
158-163 MHz
2 dBi
< 1.5:1
100 watts
50 ohms
Vertical, linear
PCT-RSA-220
217-223 MHz
Mechanical and Environmental Specifications
> pctel.com/antenna-products



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com