Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2548A-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2548A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2548A-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2548A-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DATA SHEET
SE2548A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202422A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
Pin No.
Name
Description
29-30
GND
Ground
31-32
NU
Not Used
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This device is ESD sensitive. Handling and assembly of this device should be at ESD protected
workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage
-0.3
4.0
V
PU
ENa, ENg
-0.3
4.0
V
TXRF
Ta, Tg, ANT terminated in 50
Ω match
-
12.0
dBm
TA
Operating Temperature Range
0
85
°C
TSTG
Storage Temperature Range
-40
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
TA
Ambient Temperature
0
25
85
°C
DC Electrical Characteristics
Conditions:
VCC = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2548A-EV1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-G
Total 802.11g Transmit
Supply Current
POUT = 18 dBm, 54 Mbps
OFDM signal, 64 QAM
ENg = 3.3 V, ENa = 0 V
-
170
-
mA
ICC-B
Total 802.11b Transmit
Supply Current
POUT = 21 dBm, 11 Mbps
CCK signal, BT = 0.45,
ENg = 3.3 V, ENa = 0 V
-
250
-
mA
ICC-A
Total 802.11a Transmit
Supply Current
POUT = 16 dBm, 54 Mbps
OFDM signal, 64 QAM,
ENa = 3.3 V, ENg = 0 V
-
175
200
mA
ICC_OFF
Total Supply Current
No RF, ENg = ENa = 0 V
-
2
10
μA
Caution! Class 0 ESD sensitive device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com