Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2548A-R Datasheet(PDF) 13 Page - Skyworks Solutions Inc.

Part # SE2548A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2548A-R Datasheet(HTML) 13 Page - Skyworks Solutions Inc.

Back Button SE2548A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 14Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 15Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DATA SHEET
SE2548A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202422A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
13
Package Handling Information
Because of its sensitivity to moisture absorption, instructions on the shipping container label must be followed
regarding exposure to moisture after the container seal is broken, otherwise, problems related to moisture absorption
may occur when the part is subjected to high temperature during solder assembly. The SE2548A is capable of
withstanding a Pb free solder reflow. Care must be taken when attaching this product, whether it is done manually or
in a production solder reflow environment. If the part is manually attached, precaution should be taken to insure that
the device is not subjected to temperatures above its rated peak temperature for an extended period of time. For
details on both attachment techniques, precautions, and handling procedures recommended, please refer to:
“Land Grid Array Module Solder Reflow & Rework Information”, Document Number QAD-00046.
“Handling, Packing, Shipping and Use of Moisture Sensitive LGA”, Document Number QAD-00047.
Product Branding
Figure 7: SE2548A Branding Information
SiGe
2548A
Lot Code
Pin 1 Identifier
Part
Lot
Pin 1
e4
Terminal Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com