Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2548A-R Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SE2548A-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2548A-R Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SE2548A-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2548A-R Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DATA SHEET
SE2548A: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202422A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
7
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
RXIL
Insertion Loss
-
-
1.7
1.9
dB
RXRL
Return Loss
-
10
15
-
dB
TRISOL-2
Rx Leakage
CTx = SWON, CRx =
SWOFF, Device
transmitting (TXEN = 3.3
V) 18.0 dBm @ ANT,
Power measured @
RX_OUT
-
-
-3
dBm
ANTRISOL
Antenna to Rx
isolation
Small signal input into
ANT, Device not
transmitting, Power
measured @ RXRF, CTx
(Ant to Rx Iso) = SWON,
CRx = SWOFF
21
-
28
dB
5 GHz AC Electrical Characteristics
5 GHz Transmit Characteristics
Conditions:
VCC = 3.3 V, ENa and CTx = 3.3 V, ENg = CRx = 0 V, TA = 25
°C, as measured on Skyworks Solutions’
SE2548A-EV1 evaluation board (de-embedded to device), all unused ports terminated with 50 ohms,
unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
4900
-
5875
MHz
P802.11a
Nominal Output Power
54 Mbps OFDM signal, 64
QAM, EVM = 3.0 %
-
16.5
-
dBm
P1dB
P1dB
-
21
22.5
-
dBm
S21
Small Signal Gain
-
22
-
29
dB
ΔS21
Small Signal Gain Variation Over 40 MHz Channel
-
-
0.5
dB
Small Signal Gain
Variation Over sub-
bands
4.9 – 5.1 GHz
5.15 – 5.7 GHz
5.7 – 5.85 GHz
-
1
3
dB
S211.6
Gain at Ref-VCO ÷ 2
1640.00 to 1942.00 MHz
-
-
21
dB
S213.2
Gain at Ref-VCO
3280 to 3800 MHz
3828 to 3872 MHz
3882 to 3885 MHz
-
-
9
4
9
dB
2f,3f
Harmonics @16dBm,
54Mbps, 802.11a
5300 – 5850 MHz
-
-
-48.2
dBm/MHz
All other bands
-
-
-35.0
tr
Rise Time
10 % to 90% of final
output power level
-
-
0.7
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com