Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2565T-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2565T-R
Description  2.4 GHz High Power Wireless LAN Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2565T-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2565T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
SE2565T: 2.4 GHz High Power Wireless LAN Power Amplifier
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202424A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
3
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This device is ESD sensitive. Handling and assembly of this device should be at ESD protected
workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on VCC
-0.3
4.0
V
VIN
DC input on EN
-0.3
3.6
V
TX
RF Input Power with RF Out terminated in 50
Ω
-
12.0
dBm
TA
Operating Temperature Range
-40
85
°C
TSTG
Storage Temperature Range
-40
150
°C
ESD HBM
JEDEC JESD22-A114
all pins
-
1,000
V
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Ambient temperature
-40
25
85
°C
VCC
Supply voltage, relative to GND = 0 V
2.9
3.3
3.6
V
DC Electrical Characteristics
Conditions:
VCC = EN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2565T-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-G
Total Supply Current
POUT = 23 dBm, 54 Mbps
OFDM signal, 64QAM
-
410
-
mA
ICC-B
Total Supply Current
POUT = 26 dBm, 11 Mbps
CCK signal, BT = 0.45
-
450
-
mA
ICC_OFF
Total Supply Current
EN = 0 V, No RF Applied
-
10
100
μA
Logic Characteristics
Conditions:
VCC = EN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2565T-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage (Module On)
-
1.8
-
VCC
V
VENL
Logic Low Voltage (Module Off)
-
0
-
0.4
V
IENH
Input Current Logic High Voltage
-
-
300
-
μA
IENL
Input Current Logic Low Voltage
VENL= 0.4V
-
1
50
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com