Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2565T-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2565T-R
Description  2.4 GHz High Power Wireless LAN Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2565T-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2565T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2565T-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET
SE2565T: 2.4 GHz High Power Wireless LAN Power Amplifier
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202424A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
2
Pin Out Diagram
Figure 2: SE2565T Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
RF IN
RF Input
2
EN
Power Amplifier Enable
3
GND
Ground
4
VCC0
Power Supply for Bias Circuit
5
GND
Ground
6
GND
Ground
7
DET
Power Detector Output
8
NC
No Connect. May be left floating or grounded.
9
GND
Ground
10
RF OUT
RF Output
11
RF OUT
RF Output
12
GND
Ground
13
VCC2
Power Supply for 2
nd Stage
14
NC
No Connect. May be left floating or grounded.
15
VCC1
Power Supply driver stages
16
GND
Ground
Die paddle
GND
Ground
GND
RF OUT
RF OUT
GND
1
2
3
12
11
10
7
6
5
14
15
16
Ground Paddle
13
8
4
9
RF IN
EN
GND
VCC0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com