Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2565T-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2565T-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2565T-R
Download  SE2565T-R Download
File Size   372.92 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Power Wireless LAN Power Amplifier

SE2565T-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2565T-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2565T-R
Download  SE2565T-R Click to download

File Size   372.92 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Power Wireless LAN Power Amplifier

SE2565T-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2565T-R Product details

Features
 Dual Mode IEEE802.11b, IEEE802.11g, IEEE802.11n
 23 dBm, EVM = 3%, 802.11g, OFDM 54 Mbps
 26 dBm, ACPR < -32 dBc, 802.11b
 Integrated PA, Input Match, 2.8V reference voltage generator
 Integrated Temperature Compensated, Positive Slope Power Detector
 Pb-free, RoHS compliant and Halogen-free
 3 mm x 3 mm x 0.6 mm QFN, MSL 3




Similar Part No. - SE2565T-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2565T-R SIGE-SE2565T-R Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
More results


Similar Description - SE2565T-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com