Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5511T-R Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SE5511T-R
Description  Dual Band 802.11n WLAN/BT Front End
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5511T-R Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SE5511T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DATA SHEET
SE5511T: Dual Band 802.11n WLAN/BT Front End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202403A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 23, 2012
9
5 GHz Transmit Characteristics
Conditions:
VCC = 3.3 V, PEN5= Hi, TA = 25
°C, as measured on Skyworks Solutions’ SE5511T-EK1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
4900
-
5850
MHz
POUT
Output Power, 54
Mbps OFDM, 64 QAM
EVM=3%
EVM=2.5%
17.0
18
16
dBm
S21
Gain
28
dB
∆S21
Gain Variation
Over 40 MHz Channel
1.5
dBpp
S11
Input Return Loss
-14
-10
dB
S22
Output Return Loss
-10
-5
dB
2f
Harmonics @ Pout=18
dBm
2f (5150-5300 MHz)
2f (5300-5850 MHz)
-40
-50
-35
-42
dBm/MHz
3f
3f @ Pout = 18 dBm
-50
-45
ACP11a
Spectral Mask
11a @ Pout=18 dBm:
fc +/- 11 MHz
fc +/- 20 MHz
fc +/- 30 MHz
-23
-30
-43
-20
-28
-40
dBc
Stability
POUT
≤ 21dBm
Load VSWR = 4:1
All non-harmonically related outputs less than
-45 dBm/MHz
TEN
Enable Time
10% to 90% of TX RF
power, from time that
PEN5 is at 50%
-
-
800
nsec
5 GHz Receive Characteristics
Conditions:
VCC = 3.3 V, LEN5= Hi, TA = 25
°C, as measured on Skyworks Solutions’ SE5511T-EK1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
4900
-
5900
MHz
S21
Gain
LEN5 = Hi
12
dB
LEN5 = Lo
-7
dB
NF
Noise Figure
LEN5=Hi
-
2.5
dB
IP1dB
Input P1dB
LEN5= Hi
LEN5=Lo
-8
+5
-6
+7
-
dBm
S11
Input Return Loss
-
-
-10
dB
TEN
Enable Time
10% to 90% of RX RF
power, from time that
-
-
800
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com