Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5511T-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE5511T-R
Description  Dual Band 802.11n WLAN/BT Front End
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5511T-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE5511T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DATA SHEET
SE5511T: Dual Band 802.11n WLAN/BT Front End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202403A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 23, 2012
10
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
LEN5 is at 50%
Power Detector Characteristics
Conditions:
VCC = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE5511T-EK1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
PEN2= Hi
PEN5 = Hi
2400
4900
-
2500
5900
MHz
PDR
Power detect range,
peak power
Measured at ANT
0
-
23
dBm
PDZLOAD
DC load impedance
-
-
2.5
k
Ω
PDVP23
Output Voltage, POUT =
23 dBm
PEN2= Hi
0.8
1.0
V
PDVP19
Output Voltage, POUT =
19 dBm
PEN5= Hi
4950 MHz
5150-5850 MHz
0.4
0.5
0.8
1.0
V
PDVpnoRF
Output Voltage, POUT =
No RF
-
-
0.125
-
V
PDVAR
Power Detector
Accuracy vs Load
VSWR
Pout=20 dBm, 2:1 load
VSWR, any angle
-1
+0.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com