Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5511T-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE5511T-R
Description  Dual Band 802.11n WLAN/BT Front End
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5511T-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE5511T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5511T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DATA SHEET
SE5511T: Dual Band 802.11n WLAN/BT Front End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202403A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 23, 2012
2
Pin Out Diagram
CBT
RX5
RX2
GND
CRX2
GND
CSP2
VCC1
ANT5
ANT2
1
5
4
3
2
14
13
12
11
10
9
8
7
6
19
18
17
16
15
28
27
26
25
24
23
22
21
20
Figure 2: SE5511T Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
CSP2
2.4 GHz PA bias speed-up
2
RX2
2.4 GHz Receive port
3
GND
Ground
4
RX5
5 GHz Receive port
5
VCC1
Power Supply
6
TX5
5 GHz Transmit port
7
GND
Ground
8
VCC5
Power Supply
9
VCC4
Power Supply
10
PEN2
Enable for 2.4 GHz PA and
Transmit Switch
11
DET
Power Detector Output
12
LEN5
Enable for 5 GHz LNA and
Receive Switch
13
GND
Ground
14
BT
Bluetooth Port
15
CBT
Control for Bluetooth port
Pin No.
Name
Description
16
ANT5
5 GHz Antenna port
17
GND
Ground
18
ANT2
2.4 GHz Antenna port
19
CRX2
Control for 2.4 GHz Receive
20
CRX5
Control for 5 GHz Receive
21
GND
Ground
22
VCC3
Power Supply
23
PEN5
Enable for 5 GHz PA and
Transmit switch
24
CSP5
5 GHz PA bias speed-up
25
DNC
Do Not Connect
26
GND
Ground
27
VCC2
Power Supply
28
TX2
2.4 GHz Transmit port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com