Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ER Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST485ER
Description  짹15KV ESD protected, Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ER Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST485ER Datasheet HTML 3Page - STMicroelectronics ST485ER Datasheet HTML 4Page - STMicroelectronics ST485ER Datasheet HTML 5Page - STMicroelectronics ST485ER Datasheet HTML 6Page - STMicroelectronics ST485ER Datasheet HTML 7Page - STMicroelectronics ST485ER Datasheet HTML 8Page - STMicroelectronics ST485ER Datasheet HTML 9Page - STMicroelectronics ST485ER Datasheet HTML 10Page - STMicroelectronics ST485ER Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST485ER
Electrical characteristics
7/19
4.2
Driver switching characteristics
VCC = 5V ± 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred
to TA = 25°C
ICC
No load supply current (2)
VRE = 0V or VCC
VDE = VCC
VDE = 0V
400
300
900
500
µA
µA
IOSD1
Driver short-circuit current,
VO=High
VO = -7 to 12V
(3)
35
250
mA
IOSD2
Driver short-circuit current,
VO=Low
VO = -7 to 12V
(3)
35
250
mA
IOSR
Receiver short-circuit
current
VO = 0V to VCC
795
mA
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are
referenced to device ground unless specified.
2.
Supply current specification is valid for loaded transmitters when VDE = 0V
3.
Applies to peak current. See typical Operating Characteristics.
Table 6.
DC Electrical characteristics
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
Table 7.
Driver switching characteristics
Symbol
Parameter
Test conditions (1)
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are
referenced to device ground unless specified.
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation Delay Input
to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
10
30
60
ns
tSK
Output Skew to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
510
ns
tTLH
tTHL
Rise or Fall Time
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 6.)
315
40
ns
tPZH
Output Enable Time
CL = 100pFS2 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
tPZL
Output Enable Time
CL = 100pFS1 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
tPLZ
Output Disable Time
CL = 15pFS1 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
tPHZ
Output Disable Time
CL = 15pFS2 = Closed
(See
Figure 5. and Figure 7.)
70
90
ns
CAB
Output AB Capacitance
43
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com