Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ER Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST485ER
Description  짹15KV ESD protected, Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ER Datasheet(HTML) 5 Page - STMicroelectronics

  ST485ER Datasheet HTML 1Page - STMicroelectronics ST485ER Datasheet HTML 2Page - STMicroelectronics ST485ER Datasheet HTML 3Page - STMicroelectronics ST485ER Datasheet HTML 4Page - STMicroelectronics ST485ER Datasheet HTML 5Page - STMicroelectronics ST485ER Datasheet HTML 6Page - STMicroelectronics ST485ER Datasheet HTML 7Page - STMicroelectronics ST485ER Datasheet HTML 8Page - STMicroelectronics ST485ER Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ST485ER
Maximum ratings
5/19
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied. V+ and V- can have a maximum
magnitude of +7V, but their absolute addition can not exceed 13 V.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
7
V
VI
Control input voltage (RE, DE)
-0.5 to (VCC + 0.5)
V
VDI
Driver input voltage (DI)
-0.5 to (VCC + 0.5)
V
VDO
Driver output voltage (A, B)
± 14
V
VRI
Receiver input voltage (A, B)
± 14
V
VRO
Receiver output voltage (RO)
-0.5 to (VCC + 0.5)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com