Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485ER Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST485ER
Description  짹15KV ESD protected, Low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485ER Datasheet(HTML) 3 Page - STMicroelectronics

  ST485ER Datasheet HTML 1Page - STMicroelectronics ST485ER Datasheet HTML 2Page - STMicroelectronics ST485ER Datasheet HTML 3Page - STMicroelectronics ST485ER Datasheet HTML 4Page - STMicroelectronics ST485ER Datasheet HTML 5Page - STMicroelectronics ST485ER Datasheet HTML 6Page - STMicroelectronics ST485ER Datasheet HTML 7Page - STMicroelectronics ST485ER Datasheet HTML 8Page - STMicroelectronics ST485ER Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ST485ER
Pin settings
3/19
1
Pin settings
Figure 1.
Pin configuration
1.1
Pin description
Table 1.
Pin description
Pin n°
Symbol
Name and function
1
RO
Receiver output
2RE
Receiver output enable
3
DE
Driver output enable
4DI
Driver input
5
GND
Ground
6A
Non-inverting receiver input and non-inverting driver
output
7
B
Inverting receiver input and inverting driver output
8VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com