Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMML0020 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMML0020
Description  X -> Ka Band, Connectorised Tripler: 9 - 11 GHz -> 27 - 33 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMML0020 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMML0020 Datasheet HTML 1Page - Tyco Electronics MAAMML0020 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X
Ka Band, Connectorised Tripler:
9 – 11 GHz
27 – 33 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
2
V4
MAAMML0020
Specification at +25 °C
(Applies over the frequency range @ +25 °C, output and input load impedance of 50 ohms.
Unless otherwise stated limits & conditions are indicated values.)
Parameter
Value
Units
Input Frequency
9-11
GHz
Operating Temperature TOP
+0
∼ +50
°C
Input power range
+13
∼ +18
dBm
Conversion gain (nominal)
+3
dB
Passband flatness
6
dB pk-pk
Spurious
-65
dBc
Harmonics
-20
dBc
Input VSWR
2.5:1
Ratio
Output VSWR
2:1
Ratio
DC Supply Positive Rail
Supply Voltage
+7
V
Current consumption
350
mA
Supply Voltage
-6.5
V
Current consumption
10
mA
DC Supply Negative Rail
Output Frequency
27-33
GHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com