Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMML0020 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMML0020
Description  X -> Ka Band, Connectorised Tripler: 9 - 11 GHz -> 27 - 33 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMML0020 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMML0020 Datasheet HTML 1Page - Tyco Electronics MAAMML0020 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
X
Ka Band, Connectorised Tripler:
9 – 11 GHz
27 – 33 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.comfor additional data sheets and product information.
1
V4
MAAMML0020
DC Supply
RF Input
RF Output
X3
Features
• High Reliability
• Weight and space saving design
• Field Replaceable K Connectors
• Built-in Band Pass Filter
• Built-in output amplifier
• Built-in power supply protection
• Space Qualified version available
Description
The MAAMML0020 is a high reliability X
→ Ka band
tripler. This weight and space saving design has
been realised by utilising the latest advances in
housing materials. The unit consists of a tripler
followed by a Ka band amplifier and band pass filter
(BPF.) The amplifier restores output signal strength.
The BPF reduces out of band products.
Additionally, built-in circuitry ensures that power
supply sequencing can be any order, for both
power-up and power-down.
Alternative frequency ranges, gain, output powers
and supply rail configurations are available. The
MAAMML0020 is also available as a space qualified
version. Please contact the factory for details.
Mechanical
This device is supplied with field replaceable ‘K’
connectors.
It
is
hermetically
sealed,
with
a
gold-plated finish to MIL-G-45204.
Functional Block Diagram


Similar Part No. - MAAMML0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0021 MACOM-MAAMML0021 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 10 - 12 GHz -> 30 - 36 GHz
More results

Similar Description - MAAMML0020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
11-33 GHz Tripler MMIC
logo
TriQuint Semiconductor
TGA1193-EPU TRIQUINT-TGA1193-EPU Datasheet
362Kb / 5P
27- 32 GHz Ka Band HPA
logo
Tyco Electronics
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0017 MACOM-MAAMML0017 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 30 - 35 GHz
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
MAAMML0021 MACOM-MAAMML0021 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 10 - 12 GHz -> 30 - 36 GHz
logo
Analog Devices
HMC8108 AD-HMC8108 Datasheet
430Kb / 18P
9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
2/2017-Revision 0
logo
Qorvo, Inc
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com