Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMML0020 Datasheet (PDF) - Tyco Electronics

Part # MAAMML0020
Description  X -> Ka Band, Connectorised Tripler: 9 - 11 GHz -> 27 - 33 GHz
File Size   103.68 Kbytes
Html View  1   2 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMML0020 Datasheet (PDF) - Tyco Electronics



Similar Part No. - MAAMML0020

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMML0021 MACOM-MAAMML0021 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 10 - 12 GHz -> 30 - 36 GHz
More results


Similar Description - MAAMML0020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
11-33 GHz Tripler MMIC
logo
TriQuint Semiconductor
TGA1193-EPU TRIQUINT-TGA1193-EPU Datasheet
362Kb / 5P
27- 32 GHz Ka Band HPA
logo
Tyco Electronics
MAAMML0016 MACOM-MAAMML0016 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 24 - 30 GHz
MAAMML0017 MACOM-MAAMML0017 Datasheet
90Kb / 2P
Ka Band Connectorised Amplifier: 30 - 35 GHz
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
MAAMML0019 MACOM-MAAMML0019 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 8 - 10 GHz -> 24 - 30 GHz
MAAMML0021 MACOM-MAAMML0021 Datasheet
103Kb / 2P
X -> Ka Band, Connectorised Tripler: 10 - 12 GHz -> 30 - 36 GHz
logo
Analog Devices
HMC8108 AD-HMC8108 Datasheet
430Kb / 18P
9 GHz to 10 GHz, X-Band, GaAs, MMIC, Low Noise Converter
2/2017-Revision 0
logo
Qorvo, Inc
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
27 ??31 GHz Ka-Band GaN Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com