Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLD20D_06 Datasheet HTML 2Page - STMicroelectronics STLD20D_06 Datasheet HTML 3Page - STMicroelectronics STLD20D_06 Datasheet HTML 4Page - STMicroelectronics STLD20D_06 Datasheet HTML 5Page - STMicroelectronics STLD20D_06 Datasheet HTML 6Page - STMicroelectronics STLD20D_06 Datasheet HTML 7Page - STMicroelectronics STLD20D_06 Datasheet HTML 8Page - STMicroelectronics STLD20D_06 Datasheet HTML 9Page - STMicroelectronics STLD20D_06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Block diagram
STLD20D
6/31
Note:
The external components proposal should be considered as a design reference guide.The
performances mentioned in the electrical characteristics table are not guaranteed for all the
possible electrical parameters of the components included in this list. On the other hand the
operation of STLD20D is not limited with the use of components included in this list.
Figure 3.
Basic connection
Table 1.
External components proposal
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
RLED
LED current resistance
15
Ω
CIN
Input filtering capacitor
Ceramic type
2.2
µF
COUT
Output capacitance
1
L
Boost inductor (height < 2mm)
Inductance
10
µH
Resistance at 500kHz
1
Ω
ISAT (RSET = 100kΩ)
300
mA
D
Boost diode
(STMicroelectronics STPS1L40M type)
VRRM
40
Vdc
IF (peak forward current)
1
A
VF @ IF = 1A Tj = 25°C
0.40
0.46
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com