Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLD20D_06 Datasheet HTML 5Page - STMicroelectronics STLD20D_06 Datasheet HTML 6Page - STMicroelectronics STLD20D_06 Datasheet HTML 7Page - STMicroelectronics STLD20D_06 Datasheet HTML 8Page - STMicroelectronics STLD20D_06 Datasheet HTML 9Page - STMicroelectronics STLD20D_06 Datasheet HTML 10Page - STMicroelectronics STLD20D_06 Datasheet HTML 11Page - STMicroelectronics STLD20D_06 Datasheet HTML 12Page - STMicroelectronics STLD20D_06 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
STLD20D
Functional description
9/31
5
Functional description
5.1
Boost converter
The STLD20D is a PWM mode control boost converter operating at 500kHz.
An automatic compensation of the oscillation ramp allows rejection of the battery voltage
transient. The LED current regulation (see
Figure 3.) is done by sensing the LED current
through the resistance RLED. The voltage across RLED is used by the feedback loop of the
controller (FB pin).
5.2
Peak inductor current limitation and soft start function
An integrated current sensor limits the switching current at 640 mA maximum.
Should the peak drain current exceed 640mA (if RSET = 0 for STLD20D-C8), the flip flop will
turn off the switch SW. During start up, this peak drain current limitation acts like a soft start
function.
5.3
Peak inductor current programmability (STLD20D-C8 only)
The converter peak current must be always below the inductor saturation current. For
flexibility reasons, the maximum peak inductor current can be programmed by connecting a
resistor at the pin RSET.
The
Figure 12. gives the value of the resistance RSET versus the peak inductor current limit
ILMAX.
5.4
Shutdown
The SHDN pin is a low logic input signal and allows turning off the controller without cutting
the input voltage from the boost regulator circuit.
An integrated Load Disconnect Switch LDS disconnects the LEDs branch in shutdown
mode.This arrangement allows eliminating the DC current path that normally exists with
traditional boost regulator in shutdown mode.
5.5
Brightness control
The brightness of the LED is adjusted by pulsing the shutdown pin with a PWM signal as
high as 10kHz.
By using such a PWM signal the controller is alternatively ON and OFF and the LED current
changes from full current to zero.
The duty cycle allows regulating the average LED current. This scheme ensures that when
the LEDs are ON, they are driven at the full current without risk of color change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com