Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD20D
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 1 Page - STMicroelectronics

  STLD20D_06 Datasheet HTML 1Page - STMicroelectronics STLD20D_06 Datasheet HTML 2Page - STMicroelectronics STLD20D_06 Datasheet HTML 3Page - STMicroelectronics STLD20D_06 Datasheet HTML 4Page - STMicroelectronics STLD20D_06 Datasheet HTML 5Page - STMicroelectronics STLD20D_06 Datasheet HTML 6Page - STMicroelectronics STLD20D_06 Datasheet HTML 7Page - STMicroelectronics STLD20D_06 Datasheet HTML 8Page - STMicroelectronics STLD20D_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
October 2006
Rev 4
1/31
31
Order code
Part number
Package
Marking
Packing
STLD20D-C8
SOT23-8L
L2D
Tape and reel
STLD20D-DEF
QFN 3x3 8L
L2D
Tape and reel
STLD20D
White LED power supply
General features
Typical guaranteed efficiency: 80%
Drives up to 4 LEDs in series from a 2.8V up to
4.2V supply voltage
Constant current regulation over the whole
operating voltage range
PWM control mode
Integrated load disconnect switch that opens
the LEDs path in shutdown mode
Integrated soft start peak inductor current
Programmable peak inductor current
(STLD20D-C8 only)
Shutdown pin allows digital dimming control up
to 10kHz
Over voltage and over temperature protection
with automatic restart
Low shutdown current (< 1µA)
Small external inductor (10µH)
Tiny external ceramic capacitor (1µF)
Application
White Led supply for LCD backlight
Mobile phone
PDA and organizers, MP3 players, Toys
Description
The STLD20D is a constant switching frequency
boost regulator mainly dedicated to supply up to 4
white LEDs connected in series. A constant LED
current is achieved by sensing the LED current
through a sensing resistor RLED (see Figure 3.).
The device also includes a supply voltage
rejection circuit that prevents from any possible
flickering effect on the display that might happen
during input supply voltage variation. An
integrated Load Disconnect Switch open the LED
path to eliminate the current consumption in
shutdown mode. The maximum peak inductor
current can be programmed (STLD20D-C8 only).
SOT23-8L
QFN 3x3 8L
www.st.com


Similar Part No. - STLD20D_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD20D-C8 STMICROELECTRONICS-STLD20D-C8 Datasheet
67Kb / 8P
WHITE LED POWER SUPPLY
12-Oct-2004
STLD20D-DEF STMICROELECTRONICS-STLD20D-DEF Datasheet
67Kb / 8P
WHITE LED POWER SUPPLY
12-Oct-2004
More results

Similar Description - STLD20D_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD20D STMICROELECTRONICS-STLD20D Datasheet
67Kb / 8P
WHITE LED POWER SUPPLY
12-Oct-2004
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
Integrated White LED Driver with Organic LED Display Power Supply
logo
Texas Instruments
TPS61042EVM-226 TI-TPS61042EVM-226 Datasheet
244Kb / 22P
WHITE LIGHT LED BIAS SUPPLY EVM
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
Integrated White LED Driver With Organic LED Display Power Supply
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
Integrated White LED Driver With Organic LED Display Power Supply
logo
National Semiconductor ...
LM3520_0509 NSC-LM3520_0509 Datasheet
960Kb / 14P
Integrated White LED Driver with Organic LED Display Power Supply
logo
STMicroelectronics
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
logo
Elite Enterprises (H.K....
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
4W White/ Warm White Power LED
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
White LED power supply for large display backlight
May 2011 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com