Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D-DEF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLD20D-DEF
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-DEF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLD20D-DEF Datasheet HTML 3Page - STMicroelectronics STLD20D-DEF Datasheet HTML 4Page - STMicroelectronics STLD20D-DEF Datasheet HTML 5Page - STMicroelectronics STLD20D-DEF Datasheet HTML 6Page - STMicroelectronics STLD20D-DEF Datasheet HTML 7Page - STMicroelectronics STLD20D-DEF Datasheet HTML 8Page - STMicroelectronics STLD20D-DEF Datasheet HTML 9Page - STMicroelectronics STLD20D-DEF Datasheet HTML 10Page - STMicroelectronics STLD20D-DEF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
STLD20D
Maximum ratings
7/31
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VIN
Supply voltage range
2.5
5
V
VESD
ESD ratings
HBM MIL STD 883C
2
kV
TOP
Operating temperature
- 40
+ 85
°C
Tstg
Storage temperature
- 65
150
°C
BVDS
Breakdown voltage at pin SW and TSS and VOUT
20
V
SHDN
Maximum voltage applied on SHDN pin
VIN
V
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
RthJA
Mounted on epoxy board without
copper heatsink
SOT23-8L
300
°C/W
QFN
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com