Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D-DEF Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLD20D-DEF
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-DEF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLD20D-DEF Datasheet HTML 17Page - STMicroelectronics STLD20D-DEF Datasheet HTML 18Page - STMicroelectronics STLD20D-DEF Datasheet HTML 19Page - STMicroelectronics STLD20D-DEF Datasheet HTML 20Page - STMicroelectronics STLD20D-DEF Datasheet HTML 21Page - STMicroelectronics STLD20D-DEF Datasheet HTML 22Page - STMicroelectronics STLD20D-DEF Datasheet HTML 23Page - STMicroelectronics STLD20D-DEF Datasheet HTML 24Page - STMicroelectronics STLD20D-DEF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
STLD20D
Analog dimming control
21/31
Where:
●
VIN(max): is the maximum input voltage
●
DCMIN: is the typical minimum duty cycle of the STLD20D (18%)
●
Ltyp: is the typical vale of the inductance
●
Ftyp: is the typical switching frequency
Figure 23. gives the ILED versus the LED branch voltage N.VLED. This curve is calculated
with:
Ltyp = 10µH, Ftyp = 500kHz, DCMIN = 18% and VIN(max) = 4.2VDC.
Higher the voltage across the branch LEDs, higher the range current control. After these
considerations, it is described here the basics rule to help the designer to choose the
external components such as Rd1, Rdim and RLED versus Vdim and brightness control
current ILED.
9.2
Rd1 Calculation
To avoid significant shifting of the cross over frequency and to keep enough high the
corrector network gain of the error amplifier, it is recommended to dimension the resistor
Rd1 below 10kΩ (10% of R1).
Dimension RLED for full brightness operating mode
RLED is dimensioned to get the nominal current ILED for the full brightness of the LED.
It is recommended to fix Vdim = VFB during the full brightness operating mode so that the
LED current correspond to the programmed value ILED. Thus:
Figure 23.
ILEDC current vs N.VLED corresponding at the DCMIN
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
910
11
12
13
14
15
16
17
18
19
20
N.V
(V)
LED
I
(A)
LEDC
I
= f (
LEDC
V)
LED
R
LED
V
FB
I
LED
-----------
21
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com