Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D-DEF Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLD20D-DEF
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-DEF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLD20D-DEF Datasheet HTML 12Page - STMicroelectronics STLD20D-DEF Datasheet HTML 13Page - STMicroelectronics STLD20D-DEF Datasheet HTML 14Page - STMicroelectronics STLD20D-DEF Datasheet HTML 15Page - STMicroelectronics STLD20D-DEF Datasheet HTML 16Page - STMicroelectronics STLD20D-DEF Datasheet HTML 17Page - STMicroelectronics STLD20D-DEF Datasheet HTML 18Page - STMicroelectronics STLD20D-DEF Datasheet HTML 19Page - STMicroelectronics STLD20D-DEF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Components selection
STLD20D
16/31
Figure 20 shows the maximum peak current Ip(max) through the coil for L=10µH versus the
voltage across the LED branch, N.VLED and the LED current ILED for VIN > 2.8V. As N.VLED
= 16V and ILED = 20mA, then Ip(max) = 0.45A. The curve below ends when the converter
reaches the critical mode operation.
Therefore, the saturation current (Isat) of the inductor must be higher than 0.45A. To
conclude:
7.1.3
Choice of the RSET resistor
The resistor RSET fixes the maximum peak current flowing through the inductor whatever the
operating conditions. Thus, current saturation (Isat) is never reached. If the height constraint
is important, this function allows using low profile inductor with a small saturation current.
The
Figure 12. on page 12 gives the corresponding typical value of the external resistor
RSET versus the ILIM value. This curve is slightly dependent of the temperature and the input
voltage.
To prevent the coil saturation RSET must be equal to 56kΩ, see Figure 12. Thus:
7.1.4
Reference selection
The table below gives some coil references suitable for the STLD20D versus L, DCR, Isat
value and sizing requirements.
Figure 20.
Maximum peak current (Ip(max)) versus the white LEDs voltages for 3 outputs current
- VIN > 2.8V
10µH
0.2
0.25
0.3
0.35
0.4
0.45
0.5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
15mA
20mA
25mA
N.V
(V)
LED
I (max) (A)
P
I
sat
I
pmax
()
I
sat
0.4A
I
sat
I
LIM
I
pmax
()
≥≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com