Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0045 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAMSS0045 Datasheet HTML 1Page - Tyco Electronics MAAMSS0045 Datasheet HTML 2Page - Tyco Electronics MAAMSS0045 Datasheet HTML 3Page - Tyco Electronics MAAMSS0045 Datasheet HTML 4Page - Tyco Electronics MAAMSS0045 Datasheet HTML 5Page - Tyco Electronics MAAMSS0045 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
MAAMSS0045
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Low Noise Figure: 1.4 dB
• High Input IP3: +18 dBm at 8 V, 45 mA bias
+8 dBm at 3 V, 20 mA bias
• High Gain: 14 dB
• Single Supply: +3 to +8 VDC
• Adjustable current: 20 to 60 mA with external
resistor
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AM50-0004
Description
M/A-COM’s MAAMSS0045 is a high dynamic range,
GaAs MMIC, low noise amplifier in a lead-free
SOIC 8-lead, surface mount, plastic package.
It
employs external input matching to obtain optimum
noise figure performance and operating frequency
flexibility. The MAAMSS0045 also features flexible
biasing to control the current consumption vs.
dynamic range trade-off. The MAAMSS0045 can
operate from any positive supply voltage in the 3 V
to 8 V range. Its current can be controlled over a
range of 20 mA to 60 mA with an external resistor.
The MAAMSS0045 is ideally suited for use where
low noise figure, high gain, high dynamic range, and
low power consumption are required.
Typical
applications included receiver front ends in PDC,
DCS-1800, DCS-1900 and other PCN/PCS base
stations. It is also useful as a gain block, buffer,
driver, and IF amplifier in both fixed or portable PDC
and PCN/PCS systems.
The MAAMSS0045 is fabricated using a low-cost
0.5-micron gate length GaAs process. The process
features full passivation for increased performance
and reliability.
The MAAMSS0045 is 100% RF
tested
to
ensure
performance
specification
compliance.
Pin Configuration
Pin No.
Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control
(optional)
3
RF IN
RF Input of the amplifier
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RF OUT
RF Output of the amplifier
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Ordering Information
Part Number
Package
MAAMSS0045
Bulk Packaging
MAAMSS0045TR-3000
3000 piece reel
MAAMSS0045SMB
Designer’s Kit
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
GND
R
EXT
RF IN
GND
GND
RF OUT
V
DD
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
876Kb / 7P
High Dynamic Range Low Noise Amplifier
MAAMSS0045SMB MA-COM-MAAMSS0045SMB Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045SMB MA-COM-MAAMSS0045SMB Datasheet
876Kb / 7P
High Dynamic Range Low Noise Amplifier
More results

Similar Description - MAAMSS0045

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
Low Noise Amplifier 1400 - 2000 MHz
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com